Part Number Hot Search : 
C3858 0512E TFS152 USD640 ZXCT1051 UPD780 G4PH30 025AF
Product Description
Full Text Search
 

To Download SR250 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  schottky barrier rectifiers sr220 - sr2100 do-15 axial lead plastic package for use in low voltage, high frequency inverters, free wheeling diodes and polarity protection applications maximum ratings and electrical characteristics (rating at 25oc ambient temperature unless specified otherwise. single phase, half wave 60h z , resistive or inductive load. for capacitive load, derate by 20%) symbol sr220 sr230 sr240 SR250 sr260 sr280 sr2100 unit maximum peak repetitive reverse voltage v rrm 20 30 40 50 60 80 100 v v rms 14 21 28 35 42 56 70 v maximum dc blocking voltage v dc 20 30 40 50 60 80 100 v i (av) a single half sine-wave superimposed on v f v maximum dc reverse current t a =25 o c ma at rated dc blocking voltage t a =100 o c ma junction capacitance *c j pf thermal resistance junction to ambient **r th (j-a) oc/w t j oc t stg oc sr220_2100rev_1 100606e average forward rectified current 0.375"(9.5mm) lead length description maximum rms voltage typ45 storage temperature range - 55 to +150 peak forward surge current 8.3ms - 55 to +125 i fsm rated load maximum instantaneous forward voltage at i f =2.0a i r 2.0 50.0 a 0.55 0.7 0.85 typ180 0.5 20 - 55 to +150 ** thermal resistance from junction to ambient "0.375" (9.5mm) lead pcb mounted operating junction temperature range *measured at 1mhz and applied reverse voltage 0f 4v continental device india limited data sheet page 1 of 3 continental device india limited an iso/ts 16949, iso 9001 and iso 14001 certified company
sr220 - sr2100 do-15 axial lead plastic package component disposal instructions ? 1. cdil semiconductor devices are rohs compliant, customers?are requested to please dispose as per prevailing environmental legislation of their country. 2. in europe, please dispose as per eu directive 2002/96/ec on?waste electrical and? electronic equipment (weee). sr220_2100rev_1 100606e continental device india limited data sheet page 2 of 3
customer notes sr220 - sr2100 do-15 axial lead plastic package sr220_2100rev_1 100606e disclaimer the product information and the selection guides facilitate selection of the cdil's semiconductor device(s) best suited for application in your product(s) as per your requirement. it is recommended that you completely review our data sheet(s) so as to confirm that the device(s) meet functionality parameters for your application. the information furnished in the data sheet and on the cdil web site/cd are believed to be accurate and reliable. cdil however, does not assume responsibility for inaccuracies or incomplete information. furthermore, cdil does not assume liability whatsoever, arising out of the application or use of any cdil product; neither does it convey any license under its patent rights nor rights of others. these products are not designed for use in life saving/support appliances or systems. cdil customers selling these products (either as individual semiconductor devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and cdil will not be responsible for any damages resulting from such sale(s). cdil strives for continuous improvement and reserves the right to change the specifications of its products without prior notice. cdil is a registered trademark of continental device india limited c-120 naraina industrial area, new delhi 110 028, india. telephone + 91-11-2579 6150, 4141 1112 fax + 91-11-2579 5290, 4141 1119 email@cdil.com www.cdilsemi.com continental device india limited data sheet page 3 of 3


▲Up To Search▲   

 
Price & Availability of SR250

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X